PART |
Description |
Maker |
MC100LVE310FN MC100LVE31006 MC100LVE310FNG MC100LV |
3.3V ECL 2:8 Differential Fanout Buffer(3.3V ECL 2 差分输出缓冲 3.3V的差分ECL 2:8扇出缓冲器(3.3 ECL 2:8差分输出缓冲器)
|
ONSEMI[ON Semiconductor]
|
MC100LVE111FN MC100LVE111FNR2 MC100LVE111 MC100LVE |
3.3V ECL 1:9 Differential Clock Driver LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
|
ONSEMI[ON Semiconductor]
|
AZ100EL16VS AZ100EL16VSDR2 AZ100EL16VSL AZ100EL16V |
4.2 V-5.5 V, ECL/PECL differential receiver ECL/PECL Differential Receiver with Variable Output Swing
|
Arizona Microtek ETC[ETC] List of Unclassifed Manufacturers
|
AZ100LVE111E |
ECL/PECL 1:9 Differential Clock Driver with Enable ECL / PECL:9差分时钟驱动器,带有启用
|
Arizona Microtek, Inc.
|
MAX9427 MAX9424 MAX9425 MAX9426 MAX9424EGJ MAX9424 |
Lowest Jitter Quad PECL-to-ECL Differential Translators QUAD PECL TO ECL TRANSLATOR, COMPLEMENTARY OUTPUT, CQCC32
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
P6SMBJ36 P6SMBJ13 P6SMBJ90A P6SMBJ10 P6SMBJ100 P6S |
3.3V ECL 4-Input OR/NOR; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 Unidirectional and bidirectional Transient Voltage Suppressor diodes 3.3V / 5VECL 8-Bit Serial/Parallel Converter; Package: 32 QFN, 5 x 5 mm, 0.5 mm pitch, exposed pad; No of Pins: 32; Container: Rail; Qty per BBG ECL GATE OR/NOR QUAD; Package: 28 LEAD PLCC; No of Pins: 28; Container: Tape and Reel; Qty per Container: 500 NECL OUTPUT TRANSLATOR; Package: QFN 4x4 mm, 24 PIN; No of Pins: 24; Container: Rail; Qty per Container: 92 5V ECL 8-Bit Synchronous Binary Up Counter; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 3.3V ECL Dual 1:3 Fanout Buffer; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 5V ECL 2-Input Differential AND/NAND; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 3.3V ECL 1:9 Differential Clock Driver; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 1:2 Fanout Differential LVPECL to LVTTL Translator; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Rail; Qty per Container: 100
|
SEMIKRON[Semikron International]
|
MC100LVEL16D MC100LVEL1606 MC100LVEL16DR2 MC100LVE |
3.3V ECL Differential Receiver
|
ONSEMI[ON Semiconductor]
|
MC10EP57-D |
3.3V / 5V ECL 4:1 Differential Multiplexer
|
ON Semiconductor
|
SJ-A2870-10 |
Differential Positive ECL (DPECL)
|
Nel Frequency Controls,...
|
HK-2900 |
Differential Positive ECL (DPECL)
|
NEL Frequency Controls, Inc.
|